PART |
Description |
Maker |
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
MAX12553 |
14-Bit 65Msps 3.3V ADC
|
Maxim Integrated Products
|
MAX12527 |
Dual 65Msps 12-Bit IF/Baseband ADC
|
Maxim Integrated Products
|
MAX19515ETM |
Dual-Channel, 10-Bit, 65Msps ADC
|
Maxim Integrated Products
|
MAX1419 MAX1419ETN MAX1418 |
15-Bit / 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications 15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
AD5263BRU50-REEL7 AD5263 AD5263BRU20 AD5263BRU200 |
10 Bit, 65MSPS ADC, 1.8V, Int/Ext Ref, w/Power-Down 48-TQFP -40 to 85 Preliminary Technical Data
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC2272CUJPBF LTC2272IUJTRPBF LTC2273CUJTRPBF LTC2 |
LTC2272 - 16-Bit, 65Msps Serial Output ADC (JESD204); Package: QFN; Number of Pins: 40; Temperature Range: 0°C to 70°C 1-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PQCC40 LTC2272 - 16-Bit, 65Msps Serial Output ADC (JESD204); Package: QFN; Number of Pins: 40; Temperature Range: –40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PQCC40 LTC2273 - 16-Bit, 80Msps Serial Output ADC (JESD204); Package: QFN; Number of Pins: 40; Temperature Range: 0°C to 70°C 1-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PQCC40 LTC2273 - 16-Bit, 80Msps Serial Output ADC (JESD204); Package: QFN; Number of Pins: 40; Temperature Range: –40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PQCC40
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC2273 LTC2272 |
(LTC2272 / LTC2273) 80Msps/65Msps Serial Output ADC
|
Linear Technology
|
MAX11100 EL2423J/883B MAX148BCAP-T MAX148BCAPT MAX |
16-Bit, 5V, 200ksps ADC with 10μA Shutdown Quad De-Compensated High Speed Operational Amplifier 四德补偿的高速运算放大器 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 3V, 8-Bit ADC with 1µA Power Down 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers 1-CH DELTA-SIGMA ADC, PDSO28 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20
|
Maxim Integrated Products, Inc.
|
MAX11167ETCT MX7672KP10T MX7672LP10T MX7572LCWG05- |
16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN High-Speed 12-Bit ADC with External Reference Input 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 Complete High-Speed CMOS, 12-Bit ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 CMOS, µP Compatible, 4µs, 8-Bit ADC 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO18 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 8-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX1214EGKD MAX1228AEEP-T MAX1229AEEPT |
1.8V, 12-Bit, 210Msps ADC for Broadband Applications 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC68 12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20
|
Maxim Integrated Products, Inc.
|
|